PART |
Description |
Maker |
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
TA0342A |
SAW Filter 713MHz SMD 5.0隆驴5.0 mm SAW Filter 713MHz SMD 5.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0715A |
SAW Filter 490MHz (SMD 5.0隆驴5.0 mm) SAW Filter 490MHz (SMD 5.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0378A |
SAW Filter 184MHz SMD 7.0隆驴5.0 mm SAW Filter 184MHz SMD 7.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0292A |
SAW Filter 1220MHz SMD 3.0隆驴3.0 mm SAW Filter 1220MHz SMD 3.0×3.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
SRF2012-900Y SRF2012-221Y SRF2012-371Y SRF2012-361 |
SMD LINE FILTER 2 FUNCTIONS, 50 V, 0.33 A, FERRITE CHIP SMD LINE FILTER 2 FUNCTIONS, 50 V, 0.31 A, FERRITE CHIP SRF2012 Series - Common Mode Chip Inductors
|
Bourns, Inc. Bourns Electronic Solutions
|
TA0321A |
SAW Filter 881.5MHz SMD 2.5隆驴2.0 mm SAW Filter 881.5MHz SMD 2.5×2.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0731A |
SAW Filter 460MHz SMD 5.0隆驴5.0mm SAW Filter 460MHz SMD 5.0×5.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0451A |
SAW Filter 808MHz SMD 3.8隆驴3.8mm SAW Filter 808MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0450A |
SAW Filter 802MHz SMD 3.8隆驴3.8mm SAW Filter 802MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0709A |
SAW Filter 448MHz SMD 3.0隆驴3.0mm SAW Filter 448MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|